Part Number Hot Search : 
B320A FQP6N50 EE08144 C68HC711 CA503 390AN SG723L C68HC705
Product Description
Full Text Search
 

To Download 1206270K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
RF Coated Chokes (Axial Leads)--1206 series
A. Electrical Specifications:
Part Number Inductance (H) Q Min. Test Freq. (MHz) SRF Min. (MHz) DCR (OHM) Max. Rated Current (mA) Max.
1206R10M 1206R12M 1206R15M 1206R18M 1206R22M 1206R27M 1206R33M 1206R39M 1206R47M 1206R56M 1206R68M 1206R82M 12061R0K 12061R2K 12061R5K 12061R8K 12062R2K 12062R7K 12063R3K 12063R9K 12064R7K 12065R6K 12066R8K 12068R2K 1206100K 1206120K 1206150K 1206180K 1206220K 1206270K 1206330K 1206390K 1206470K 1206560K 1206680K 1206820K 1206101K 1206121K 1206151K 1206181K 1206221K 1206271K 1206331K 1206391K 1206471K 1206561K 1206681K 1206821K 1206102K
0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
45 45 45 45 45 45 45 45 45 45 45 45 45 50 50 50 50 60 65 65 70 70 75 80 65 50 50 50 50 50 50 50 45 40 40 35 30 55 45 50 55 65 65 65 60 60 55 55 50
25 25 25 25 25 25 25 25 25 25 25 25 25 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 7.9 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79 0.79
300 300 300 300 300 270 250 230 220 200 190 172 157 144 131 121 110 100 94 65 56 48 37 25 21 19 17 13 9.6 7.2 6.3 6.3 6.3 6.2 5.7 5.3 4.8 3.8 3.5 3.3 3.0 2.8 2.6 2.4 2.25 2.10 1.95 1.85 1.40
0.10 0.10 0.10 0.10 0.10 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.19 0.21 0.23 0.25 0.28 0.30 0.34 0.37 0.39 0.43 0.48 0.52 0.58 0.63 0.72 0.77 0.84 0.94 1.03 1.12 1.22 1.34 1.47 1.62 1.80 3.7 4.2 4.6 5.1 5.8 6.4 7.0 7.7 8.5 9.4 10.5 14.0
1400 1400 1400 1400 1400 1320 1280 1200 1150 1100 1030 980 920 880 830 790 750 720 670 640 620 590 550 530 500 480 460 430 410 390 370 350 340 320 305 290 275 185 175 165 155 145 137 133 126 120 113 105 100
Note: RoHS compliant; for the ROHS parts, we add "-LFR" at the end of the P/N.
Axial Leads Coated Choke P/N 1206 Series Rev. A June 01, 2006 Page 1 of 2
Specifications
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: frontierusa.com
RF Coated Chokes (Axial Leads)--1206 series
B. Mechanical Dimensions:
Mechanical drawing C. General Information:
1. 2. 3. 4. 5. 6. Coil Form Material: Ferrite Body Size: 10.41 x 4.44 mm Inductance (Current) ranges: 0.10uH (1.4A) - 1000uH (100mA) Inductance Tolerance: M:20%, K: 10%, J:5%. DCR: from 0.10 - 14.0 Ohms. Other information: Spec. / Series
Operating Temperature: Temp. Rise: Ambient Temperature: Terminal Strength: Marking: Moisture & Heat Resist.: Dielectric Strength: Test Equipment: Color Code in accordance with EIA
1201 to 1211 Series
- 20C to + 80C 20C 90C Max. 3 lb.
1310 to 1501 Series
Phenolic: 125C Max. Ferrite: 105C Max. Phenolic: 35C Max. Ferrite: 15C Max.
Color Code in accordance with MIL-C-15305 D
L/L < +5% Q/Q < +10% 1KV rms. L & Q = HP4342A at specified frequency DCR = Milli-Ohm meter, SRF = HP4191A
7.
Color Code for RF Coated Chokes: Black Color 0 Digit 1 Multiplier -Tolerance Brown 1 10 -Red 2 100 -Orange Yellow Green 3 4 5 1000 10,000 -3% --Blue Violet Gray White Gold Silver None 6 7 8 9 -------0.1 0.01 -----5% 10% 20%
Example foe color code on Molded Inductor:
Inductance (H) 0.68 + 10% 6.8 + 10% 68 + 10% 1st Band Blue Blue Blue 2nd Band 3rd Band Gray Gray Gray Silver Gold Black 4th Band Silver Silver Silver
Color Code
Note: RoHS compliant; for the RoHS parts, we add "-LFR" at the end of the P/N.
Axial Leads Coated Choke P/N 1206 Series Rev. A June 01, 2006 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 1206270K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X